Part Number Hot Search : 
SW50N06 NMR102C 15100450 RF205 WJ127 MT9122AP 12025 BC328
Product Description
Full Text Search
 

To Download SSTDPAD100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DPAD/SSTDPAD Series
Dual Low-Leakage Pico-Amp Diodes
DPAD1 DPAD5 DPAD50 Product Summary
Part Number
DPAD1 DPAD5/SSTDPAD5 DPAD50 SSTDPAD100
SSTDPAD5 SSTDPAD100
IR Max (pA)
-1 -5 -50 -100
Features
D Ultralow Leakage: DPAD1 <1 pA D Ultralow Capacitance: DPAD1 <0.8 pF
Benefits
D Negligible Circuit Leakage Contribution D Circuit "Transparent" Except to Shunt High-Frequency Spikes
Applications
D Op Amp Input Protection D Multiplexer Overvoltage Protection
Description
The DPAD/SSTDPAD series of extremely low-leakage diodes provides a superior alternative to conventional diode technology when reverse current (leakage) must be minimized. These devices feature leakage currents ranging from -1 pA (DPAD1) to -100 pA (SSTDPAD100) to support a wide range of applications. The low-cost, compact, narrow-body SO-8 (SSTDPAD) package allows maximum circuit performance. Tapeand-reel options are avaliable for automated assembly (see Packaging Information). The TO-78 and TO-71 (DPAD) hermetically sealed metal cans are available with full military processing per MIL-S-19500 (see Military Information).
TO-78 TO-71 Modified C1 Narrow Body SOIC C1 C1 A1 NC 1 2 3 4 Top View SSTDPAD5 SSTDPAD100 8 7 6 5 NC A2 C2 C2 A1 2 3 Case* Substrate Top View DPAD1 4 C2 A1 Top View *Case and Pin 3 must be floating DPAD5 DPAD50 2 3 C2 1 5 A2 C1 1 4 A2
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70340.
Siliconix S-52424--Rev. B, 14-Apr-97
1
DPAD/SSTDPAD Series
Absolute Maximum Ratingsa
Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 150_C Operating Junction Temperature . . . . . . . . . . . . . . . . . . -55 to 150_C Lead Temperature (1/16" from case for 10 sec.) . . . . . . . . . . . . . 300_C Total Device Dissipationb . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 mW Notes: a. TA = 25_C unless otherwise noted. b. Derate 4 mW/_C at 25_C.
Specificationsa
Limits Parameter Static
DPAD1 DPAD5/SSTDPAD5 Reverse Current IR VR = -20 V 20 DPAD50 SSTDPAD100 DPAD1 Reverse Breakdown Voltage BVR VF IR = -1 mA DPAD5/DPAD50 SSTDPAD5/SSTDPAD100 Forward Voltage Drop IF = 1 mA -45 -45 -30 -0.2 -2 -5 -10 -60 -55 -50 0.8 1.5 V -1 -5 pA -50 -100
Symbol
Test Conditions
Min
Typb
Max
Unit
Dynamic
DPAD1 Reverse Capacitance CR VR = -5V, f = 1 MHz DPAD5/DPAD50 SSTDPAD5/SSTDPAD100 Differential Capacitance CR1 - CR2 VR1 = VR2 = -5 V f = 1 MH MHz DPAD1 All Others 0.6 1.0 2.0 0.07 0.1 0.8 2.0 4.0 0.2 0.5 pF
Notes: a. TA = 25_C unless otherwise noted. b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
Typical Characteristics
-1000
Reverse Current vs. Reverse Voltage
DPAD/SSTDPAD5
-100
Reverse Current vs. Temperature
VR = -20 V
IR @ 125_C -100 DPAD1 I R (pA) -10 DPAD/SSTDPAD5 -1 IR @ 25_C DPAD1 -0.1 0 -6 -12 -18 VR (V) -24 -30 -0.01 -55 -35 -15 5 25 45 65 85 105 125 -0.1 I R (pA) -1 DPAD1 -10 DPAD/SSTDPAD5
TA - Temperature (_C)
2
Siliconix S-52424--Rev. B, 14-Apr-97


▲Up To Search▲   

 
Price & Availability of SSTDPAD100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X